PART |
Description |
Maker |
OEC7091 |
One chip utilizado por varias marcas de TV
|
ETC
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
RT9010-33GJ6 |
300mA LDO Regulator with POR
|
Richtek Technology Corp...
|
RT9012-GMPQW RT9012-FSPQW RT9012-CMPQW RT9012-GSPQ |
300mA Dual LDO Regulator with POR 300mA Dual LDO Regulator with POR 300mA的双路LDO稳压器与葡萄
|
Richtek Technology, Corp. Richtek Technology Corporation Richtek Technology Corp...
|
MAX1876EEG-TG05 |
Dual 180° Out-of-Phase PWM Step-Down Controllers with POR
|
MAXIM - Dallas Semiconductor
|
CPGS-9160-M12-C |
3U Compac tPCI EN50155 16-por t managed Gigabit Ethernet Switch
|
ORing Industrial Networ...
|
ISL6612BCB-T ISL6612BCB ISL6612BCBZ ISL6612BCBZ-T |
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
|
INTERSIL[Intersil Corporation]
|
MAX1972EEE-TG05 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-Down Regulator with POR and RSI/PFO
|
MAXIM - Dallas Semiconductor
|
EM6617DL24A |
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP; Temperature Range: 0°C to 70°C; Package: 8-SOIC 微控制器
|
TE Connectivity, Ltd.
|
HIP6602B |
MOSFET Driver, Quad N-Channel, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|